|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin I2032 rev. B 03/03 301U(R) SERIES STANDARD RECOVERY DIODES Stud Version Features Wide current range High voltage ratings up to 2500V High surge current capabilities Stud cathode and stud anode version High resistance to acceleration 300A Typical Applications Converters Power supplies Machine tool controls High power drives Medium traction applications Major Ratings and Characteristics 301U(R) Parameters IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz VRRM range TJ 160 to 200 330 120 520 8250 8640 340 311 1600 to 2000 - 40 to 180 250 300 120 470 6050 6335 183 167 2500 - 40 to 180 Units A C A A A KA2s KA2s V C case style DO-205AB (DO-9) www.irf.com 1 301U(R) Series Bulletin I2032 rev. B 03/03 ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage Type number 301U(R) VRRM , maximum repetitive peak reverse voltage V 1600 2000 2500 VRSM , maximum nonrepetitive peak rev. voltage V 1700 2100 2600 IRRM max. @ TJ = TJ max. Code 160 200 250 mA 15 Forward Conduction Parameter I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current 301U(R) 160 to 200 250 330 120 520 8250 8640 6940 7270 300 120 470 6050 6335 5090 5330 183 167 129 118 1830 0.90 Units Conditions A C A DC @ TC = 115C (up to 2000V), TC = 102C (2500V) t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave It 2 Maximum I t for fusing 2 340 311 241 220 I 2t Maximum I2t for fusing 3400 0.77 t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop V 0.84 0.97 (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.49 1.22 0.55 1.46 V (I > x IF(AV)),TJ = TJ max. Ipk= 942A, TJ = TJ max, tp = 10ms sinusoidal wave 0.49 0.59 2 www.irf.com 301U(R) Series Bulletin I2032 rev. B 03/03 Thermal and Mechanical Specifications Parameter TJ Tstg RthJC RthCS T Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque +0 -20% 301U(R) -40 to 180 -40 to 200 0.14 0.08 37 28 Units C Conditions DC operation K/W Nm Mounting surface, smooth, flat and greased Not lubricated threads Lubricated threads wt Weight 301U 303U 305U 307U 309U 250 5 152 5 177 5 197 5 160 5 g Case style DO-205AB (DO-9) See Outline Table RthJC Conduction (The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC) Conduction angle 180 120 90 60 30 Sinusoidal conduction Rectangular conduction 80 to 200 0.015 0.018 0.023 0.034 0.056 Units Conditions 250 0.015 0.018 0.023 0.034 0.056 00 to 200 0.011 0.019 0.025 0.035 0.057 250 0.011 0.019 0.025 0.035 0.057 K/W TJ = TJ max. Ordering Information Table Device Code 30 1 1 2 U 3 A 4 250 5 1 2 - 30 1 3 5 7 9 = Essential Part Number = Standard Device = Top Threaded version = Type for rotating application with Top Threaded version 3/8 16UNC-2A = Type for rotating application with flexible lead = Type for rotating application with Top Threaded version 3/8 24UNF = Stud Normal Polarity (Cathode to Stud) = Stud Reverse Polarity (Anode to Stud) = Max. Leakage selection IRRM = 2mA TJ = 25C 3 4 5 - U UR A Voltage code: Code x 10=VRRM (See Voltage Ratings table) www.irf.com 3 301U(R) Series Bulletin I2032 rev. B 03/03 Outline Table CERAMIC HOUSING 19 (0.75) MAX. CERAMIC HOUSING 19 (0.75) MAX. 11 (0.43) NOM. 24 (0.94) MAX. DIA. 8.7 (0.34) MAX. 12 (0.47) MIN. DIA. 8.5 (0.33) 301U 140 (5.51) 146 (5.75) 140 (5.51) DO-205AB (DO-9) 148 (5.83) MAX. 54 (2.13) MAX. Case Style 28 (1.10) MAX. 21 (0.83) * FOR METRIC DEVICE: M16 X 1.5 CONTACT FACTORY 3/4"-16UNF-2A 21 (0.83) MAX. 3/4"-16UNF-2A 32 (1.26) 3.9 (0.15) IR Case Style B60 All dimensions in millimeters (inches) CERAMIC HOUSING 3/8"-16UNC-2A CERAMIC HOUSING 3/8"-24UNF-2A 6.4 (0.25) MAX. 98 (3.86) MAX. 59 (2.32) MAX. 97 (3.82) MAX. 7 (0.28) MAX. 60 (2.36) MAX. 21 (0.83) 21 (0.83) MAX. 3/4"-16UNF-2A MAX. 7 (0.28) MAX. 7.6 (0.3) MAX. 3/4"-16UNF-2A 305U IR Case Style B61 16 (0.63) 309U IR Case Style B41 4 www.irf.com 17.5 (0.69) 32 (1.26) 32 (1.26) 3.9 (0.15) 32 (1.26) 307U 301U(R) Series Bulletin I2032 rev. B 03/03 Outline Table CERAMIC HOUSING 3/8"-24UNF-2A 16.5 (0.65) MAX. 59.7 (2.35) MAX. DIA. 27.3 (1.07) MAX. 29 (1.14) MAX. 21 (0.83) MAX. 9 (0.35) MAX. 303U 3/4"-16UNF-2A IR Case Style B40 Maximum Allowable Case T emperature (C) 301U(R) S eries (1600V to 2000V) RthJC (DC) = 0.14 K/ W Maximum Allowable Cas T e emperature (C) 180 170 160 150 140 130 180 170 160 150 140 130 120 110 100 0 100 200 300 400 30 60 90 120 180 DC 500 600 Conduction Period 17.5 (0.69) 32 (1.26) 301U(R S ) eries (1600V to 2000V) RthJC (DC) = 0.14 K/ W Conduction Angle 30 120 110 0 50 100 150 60 180 90 120 200 250 300 350 Average Forward Current (A) Fig. 1 - Current Ratings Characteristics Average Forward Current (A) Fig.2 - Current Ratings Characteristics www.irf.com 5 301U(R) Series Bulletin I2032 rev. B 03/03 Maximum Allowable Case T emperat ure (C) Maximum Allowable Cas T e emperature (C) 180 301U(R S ) eries (2500V) 170 160 150 140 30 130 120 110 0 50 100 150 200 250 300 350 Average Forward Current (A) Fig. 3 - Current Ratings Characteristics Conduction Angle 180 301U(R S ) eries (2500V) 170 160 150 140 130 120 110 100 90 0 100 200 300 400 500 Average Forward Current (A) Fig. 4 - Current Ratings Characteristics Conduction Period RthJC (DC) = 0.14 K/ W RthJC (DC) = 0.14 K/ W 60 90 120 30 60 90 120 180 DC 180 Maximum Avera ge F orward P ower Loss (W) 400 350 300 250 200 0.7 K/ W 180 120 90 60 30 RMSLimit Rt A hS 2 0. W K/ 0. 3 K/ W = 1 0. W K/ ta el -D R 150 100 50 0 0 50 100 150 Conduction Angle 301U(R) S eries (1600V to 2000V) TJ = 180C 200 250 300 1.5 K / 3 K/ W W 350 20 40 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 5 - Forward Power Loss Characteristics Maximum Average F orward Power Los (W) s 550 500 450 400 350 300 250 RMSLimit 200 150 100 50 0 Conduc tion Period 0.7 K/ W DC 180 120 90 60 30 R th SA = 0. 1 K/ W 0. 2 K/ W -D el ta R 0.3 K/ W 301U(R) S eries (1600V to 2000V) T = 180C J 0 100 200 300 400 500 1.5 K/ W 3 K/ W 600 40 20 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 6 - Forward Power Loss Characteristics 6 www.irf.com 301U(R) Series Bulletin I2032 rev. B 03/03 Maximum Average F orward Power L (W) oss 450 400 350 300 250 200 150 100 50 0 0 50 100 150 200 250 300 40 20 Conduction Angle 180 120 90 60 30 R Limit MS R th SA 0. 2 = 1 0. K/ W W K/ ta el -D 0. 3 K/ W R 0.7 K/ W 301U(R S ) eries (2500V) T = 180C J 1.5 K / W 3 K/ W 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 7 - Forward Power Loss Characteristics Maximum Average F orward Power Los (W) s 600 500 400 300 DC 180 120 90 60 30 R th SA = 0. 1 K/ W 0. 2K /W 0.3 K/ W -D el ta R RMS Limit 200 100 0 Conduction Period 0.7 K/ W 301U(R S ) eries (2500V) T = 180C J 1.5 K/ W 3 K/ W 0 100 200 300 400 500 40 20 60 80 100 120 140 160 180 Average Forward Current (A) Maximum Allowable Ambient T emperature (C) Fig. 8 - Forward Power Loss Characteristics Peak Half S Wave F ine orward Current (A) Peak Half S Wave F ine orward Current (A) 8000 7000 6000 5000 4000 3000 2000 1 At Any Rated Load Condition And With Rated VRRM Applied Following S urge. Initial T = 180C J @60 Hz 0.0083 s @50 Hz 0.0100 s 9000 8000 7000 6000 5000 4000 3000 2000 Maximum Non Repetitive S urge Current Versus Pulse T rain Duration. Initial T = 180 C J No Voltage Reapplied Rated VRRM Reapplied 301U(R) S eries (1600V to 2000V) 10 100 301U(R) S eries (1600V to 2000V) 0.1 Pulse T rain Duration (s) 1 1000 0.01 Number Of Equa l Amplitude Half Cycle Current Pulses (N) Fig. 9 - Maximum Non-Repetitive Surge Current Fig. 10 - Maximum Non-Repetitive Surge Current www.irf.com 7 301U(R) Series Bulletin I2032 rev. B 03/03 6000 At Any R ated Load Condition And With R ated VRRM Applied Following S urge. Initial T = 180C J 5000 @60 Hz 0.0083 s @50 Hz 0.0100 s 4500 5500 Peak Half S Wave F ine orward Current (A) 6000 Peak Half S Wave F ine orward Current (A) Maximum Non Repetitive S urge Current Versus Pulse T rain Duration. Initial T = 180 C J 5000 No Voltage Reapplied Rated VRRM Reapplied 4000 4000 3500 3000 2500 2000 1500 1 10 100 Number Of Equa l Amplitude Half Cyc le Current Pulses (N) 3000 2000 301U(R S ) eries (2500V) 1000 0.01 0.1 Pulse T rain Duration (s) Fig. 12 - Maximum Non-Repetitive Surge Current 301U(R) S eries (2500V) 1 Fig. 11 - Maximum Non-Repetitive Surge Current 10000 Ins tantaneous F orward Current (A) T = 25C J T = 180C J 10000 Ins tantaneous F orward Current (A) T = 25C J T = 180C J 1000 1000 100 301U(R S ) eries (1600V to 2000V) 10 0 0.5 1 1.5 2 2.5 3 Instantaneous Forward Voltage (V) Fig. 13 - Forward Voltage Drop Characteristics 1 100 301U(R S ) eries (2500V) 10 0 0.5 1 1.5 2 2.5 3 3.5 Instantaneous Forward Voltage (V) Fig. 14 - Forward Voltage Drop Characteristics T rans ient T hermal Impedance Z thJC (K/ W) 0.1 S teady S tate Value: RthJC = 0.14 K/ W (DC Operation) 0.01 301U(R S ) eries 0.001 0.001 0.01 0.1 S quare Wave Pulse Duration (s) 1 10 Fig. 15 - Thermal Impedance ZthJC Characteristic 8 www.irf.com 301U(R) Series Bulletin I2032 rev. B 03/03 Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03 www.irf.com 9 |
Price & Availability of 309URA160 |